|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
PULSEJACK 1x1 Tab-UP RJ45 Description: TM www.pulseeng.com 10/100 Base-TX RJ45 1x1 Tab-UP with LEDs 8-pin (J1 series) and 6-pin (JP series) integrated magnetics connector, designed to support applications, such as ADSL modems, LAN-on-Motherboard, and Hub and Switches. Features and Benefits: RoHS-5 peak wave solder temperature rating 235C RoHS-6 peak wave solder temperature rating 260C Suitable for CAT 5 & 6 Fast Ethernet Cable or better UTP Electrical Performance Summary: Meets IEEE 802.3 specification 350H minimum OCL with 8mA bias current High performance for maximum EMI suppression Electrical Specifications @ 25C -- Operating Temperature 0C to +70C RoHS-5 2 Compliant Part No. RoHS-6 3 Compliant Part No. Turns Ratios TX RX EMI LEDs 1 L/R Fingers Insertion Loss (dB TYP) 1-65 MHz 1-10 MHz Return Loss (dB TYP) 100 15 10-30 MHz 30-60 MHz 60-80 MHz 1-30 MHz Crosstalk (dB TYP) 30-60 MHz 60-100 MHz Common Mode Rejection (dB TYP) 1-50 MHz 50-150 MHz Hipot (Vrms) @60Hz 1 MIN J1006F01P J1006F01PNL 1CT:1 1CT:1 J1006F21 J1006F21NL 1CT:1 1CT:1 J1011F01P J1011F01PNL 1CT:1 1CT:1 J1011F21P J1011F21PNL 1CT:1 1CT:1 J1012F01C J1012F01CNL 1CT:1 1CT:1 J1012F21C J1012F21CNL 1CT:1 1CT:1 J1012F21K J1012F21KNL 1CT:1 1CT:1 J1012F21R J1012F21RNL 1CT:1 1CT:1 J1026F01 J1026F01NL 1CT:1 1CT:1 J1026F01P J1026F01PNL 1CT:1 1CT:1 J1026F21C J1026F21CNL 1CT:1 1CT:1 JP006821U JP006821UNL 1CT:1 1CT:1 JP011821U JP011821UNL 1CT:1 1CT:1 JP026821U JP026821UNL 1CT:1 1CT:1 NOTES: 1. LEDs Left/Right: G = green, Y = yellow, G_O = green/orange bi-color LED, R = LEDs with resistors. No YES No YES No YES YES YES No No YES YES YES YES G/Y NONE G/Y G/Y Y/G Y/G G/G RG/RY NONE G/Y Y/G G_O/Y G_O/Y G_O/Y -1.0 -1.0 -1.0 -1.0 -1.0 -1.0 -1.0 -1.0 -1.0 -1.0 -1.0 -1.0 -1.0 -1.0 -20 -20 -20 -20 -20 -20 -20 -20 -20 -20 -20 -20 -20 -20 -16 -16 -16 -16 -16 -16 -16 -16 -16 -16 -16 -16 -16 -16 -12 -12 -12 -12 -12 -12 -12 -12 -12 -12 -12 -12 -12 -12 -10 -10 -10 -10 -10 -10 -10 -10 -10 -10 -10 -10 -10 -10 -40 -40 -40 -40 -40 -40 -40 -40 -40 -40 -40 -40 -40 -40 -35 -35 -35 -35 -35 -35 -35 -35 -35 -35 -35 -35 -35 -35 -30 -30 -30 -30 -30 -30 -30 -30 -30 -30 -30 -30 -30 -30 -30 -30 -30 -30 -30 -30 -30 -30 -30 -30 -30 -30 -30 -30 -20 -20 -20 -20 -20 -20 -20 -20 -20 -20 -20 -20 -20 -20 1500 1500 1500 1500 1500 1500 1500 1500 1500 1500 1500 1500 1500 1500 2. RoHS-5 - Product does not contain 5 out of the 6 banned substances specified in the RoHS directive. Product contains lead in applications considered as solders. 3. RoHS-6 - Product does not contain 5 out of the 6 banned substances specified in the RoHS directive. Some internal connections may contain lead in high temperature solder (solder alloys containing more than 85% lead). RJ45 Durability Testing Rating Part Number JP/J1 Series Mating Force (MAX) 5 lbs./2.268 kgs. Unmating Force (MAX) 5 lbs./2.268 kgs. Durability 750 Insertions Plug to Jack Retention (MIN) 20 lbs./9.072 kgs. RJ45 Material Specification Part Number Material JP/J1 Series Brass Shield Finish 10-20m inches Nickel over 10-20m inches Brass Material Phosphor Bronze Contact Plating Area Housing Solder Area 3 Material Specification UL 94 V-0 MSL Rating 1 2 Nickel underplating and 120 inches Sn90/Pb10 selective gold plating 15 inches over 50 inches nickel Thermoplastic Notes: 1. Connector dimensions comply with FCC dimension requirements. 2. MSL = Moisture Sensitivity Level rating from 1 to 5 (highest rating = 1, lowest rating = 5). 3. NL parts are tin matte finish over nickel. USA 858 674 8100 * UK 44 1483 401 700 * France 33 3 84 35 04 04 * Singapore 65 6287 8998 * Shanghai 86 21 54643211 / 2 * China 86 769 85538070 * Taiwan 886 3 4641811 www.pulseeng.com 1 J402.D (6/06) PULSEJACK 1x1 Tab-UP RJ45 TM www.pulseeng.com J1 Series Mechanicals .640 16,26 LEFT LED RIGHT LED FRONT 1.00 MAX 25,4 BACK EMI Fingers .532 .003 13,51 0,08 SIGNAL LEADS .125 3,18 .020 0,51 Patent Pending TM .130 3,30 .425 10,80 .020 LED 0,51 LEADS J10XXXXXX Date Code Country of Origin .150 SHIELD PIN 3,81 EMI Fingers FRONT VIEW HOUSING POST .135 .020 3,43 0,51 .100 2,54 .002 0,05 BACK VIEW .130 3,30 .250 6,35 .002 0,05 .290 .002 7,37 0,05 .003 0,08 SIDE VIEW .390 9,91 .290 7,37 .060 1,52 .040 1,02 .290 7,37 .100 2,54 .130 3,30 .250 6,35 .064 1,63 .003 0,08 .050 1,27 4X .040 .003 1,02 0,08 .670 17,02 4X R .010 MAX 0,25 BACK 12 11 7 86 PIN #1 8X .035 0,89 2 .003 0,08 .560 14,22 RECOMMENDED PANEL CUTOUT 10 9 53 4 .000 0,00 .010 (TOP OF PCB 0,25 TO BOTTOM OF OPENING) FACE VIEW 2X .125 3,18 .129 3,28 2X .135 3,43 .675 17,15 FRONT .000 0,00 .050 1,27 .100 2,54 .150 3,81 .200 5,08 .250 6,35 .300 7,62 .350 8,89 .400 10,16 .485 12,32 SUGGESTED PCB LAYOUT Dimensions: Inches mm Unless otherwise specified, all tolerances are .010 0,25 USA 858 674 8100 * UK 44 1483 401 700 * France 33 3 84 35 04 04 * Singapore 65 6287 8998 * Shanghai 86 21 54643211 / 2 * China 86 769 85538070 * Taiwan 886 3 4641811 www.pulseeng.com 2 J402.D (6/06) PULSEJACK 1x1 Tab-UP RJ45 J1006 TD+ 1 TM www.pulseeng.com J1 Series Electrical Schematics J1011 1 TX+ TD+ 1 1 TX+ CT 3 CT 3 TD- 2 PCB SIDE TO PHY PCB SIDE TO PHY 1CT : 1 TRANSMIT 2 TX- TD- 2 1CT : 1 TRANSMIT 2 TX- RD+ 7 3 RX+ CABLE SIDE RD+ 7 3 RX+ CT 6 CT 6 RD- 8 1CT : 1 TRANSMIT 6 RX- RD- 8 1CT : 1 TRANSMIT 75 75 6 RX- 4 4 5 7 N/C 4 5 7 4 75 0.001 F N/C 5 NOTE: Connect CHS GND to PCB ground. 8 CHS GROUND 5 C1 75 8 NOTE: Connect CHS GND to PCB ground. J1012 TD+ 1 1 TX+ J1026 TD+ 1 1 TX+ CT 2 CT 3 TD- 3 1CT : 1 TRANSMIT 2 TX- TD- 2 1CT : 1 TRANSMIT 2 TX- PCB SIDE TO PHY PCB SIDE TO PHY RD+ 4 CABLE SIDE 3 RX+ RD+ 7 CT 5 CT 6 RD- 6 1CT : 1 RECEIVE 6 RX- RD- 8 1CT : 1 RECEIVE 6 RX- 4 75 75 75 5 7 C1 75 75 75 4 4 5 7 0.001 F CHS GROUND 8 75 8 CHS GROUND 5 C1 75 8 NOTE: Connect CHS GND to PCB ground. NOTE: Connect CHS GND to PCB ground. LED = P 9 10 12 11 Right LED Left LED LED = L or R 10 9 12 11 Right LED Left LED LED = C or K 10 9 12 11 Right LED Left LED Standard LED Yellow Green Wavelength 585 nm 565 nm Forward* V(MAX) 2.5 V 2.5 V (TYP) 2.1 V 2.2 V * With a forward current of 20 mA USA 858 674 8100 * UK 44 1483 401 700 * France 33 3 84 35 04 04 * Singapore 65 6287 8998 * Shanghai 86 21 54643211 / 2 * China 86 769 85538070 * Taiwan 886 3 4641811 www.pulseeng.com 3 J402.D (6/06) CABLE SIDE 3 RX+ CABLE SIDE PULSEJACK 1x1 Tab-UP RJ45 TM www.pulseeng.com JP Series Mechanicals LEFT LED RIGHT LED EMI Fingers Dimensions: Inches mm Unless otherwise specified, all tolerances are .010 0,25 USA 858 674 8100 * UK 44 1483 401 700 * France 33 3 84 35 04 04 * Singapore 65 6287 8998 * Shanghai 86 21 54643211 / 2 * China 86 769 85538070 * Taiwan 886 3 4641811 www.pulseeng.com 4 J402.D (6/06) PULSEJACK 1x1 Tab-UP RJ45 JP006 TD+ 2 TM www.pulseeng.com JP Series Electrical Schematics JP011 1 TX+ TD+ 2 1 TX+ CT 1 CT 1 TD- 3 PCB SIDE TO PHY RD+ 4 RD+ 4 3 RX+ CT 6 CT 6 RD- 5 1CT : 1 TRANSMIT 6 RX- RD- 5 1CT : 1 TRANSMIT 75 75 6 RX- 4 5 7 8 0.001 F SHIELD 4 5 7 8 75 75 NOTE: Connect CHS GND to PCB ground. JP026 TD+ 2 1 TX+ CT 1 TD- 3 1CT : 1 TRANSMIT 2 TX- PCB SIDE TO PHY RD+ 4 CT 6 RD- 5 1CT : 1 RECEIVE 6 RX- CABLE SIDE 3 RX+ 4 75 75 75 5 7 8 Standard LED Yellow Green Orange Wavelength 585 nm 565 nm 610 nm Forward* V (MAX) 2.5 V 2.5 V 2.5 V (TYP) 2.1 - 2.2 V 2.1 - 2.2 V 2.1 - 2.2 V * With a forward current of 20 mA 0.001 F SHIELD 75 NOTE: Connect CHS GND to PCB ground. For More Information: Pulse Worldwide Headquarters 12220 World Trade Drive San Diego, CA 92128 U.S.A. www.pulseeng.com TEL: 858 674 8100 FAX: 858 674 8262 Pulse Northern Europe 3 Huxley Road Surrey Research Park Guildford, Surrey GU2 5RE United Kingdom TEL: 44 1483 401700 FAX: 44 1483 401701 Pulse Southern Europe Zone Industrielle F-39270 Orgelet France TEL: 33 3 84 35 04 04 FAX: 33 3 84 25 46 41 Pulse Pulse North China China Headquarters Room 1503 No. 1 Industrial District Changan, Dongguan China TEL: 86 769 85538070 FAX: 86 769 85538870 XinYin Building No. 888 YiShan Road Shanghai 200233 China TEL: 86 21 54643211/2 FAX: 86 21 54643210 Pulse South Asia 150 Kampong Ampat #07-01/02 KA Centre Singapore 368324 TEL: 65 6287 8998 FAX: 65 6280 0080 Pulse North Asia No. 26 Kao Ching Road Yang Mei Chen Taoyuan Hsien Taiwan, R. O. C. TEL: 886 3 4641811 FAX: 886 3 4641911 Performance warranty of products offered on this data sheet is limited to the parameters specified. Data is subject to change without notice. Other brand and product names mentioned herein may be trademarks or registered trademarks of their respective owners. (c) Copyright, 2006. Pulse Engineering, Inc. All rights reserved. www.pulseeng.com J402.D (6/06) CABLE SIDE 3 RX+ PCB SIDE TO PHY 1CT : 1 TRANSMIT 2 TX- TD- 3 1CT : 1 TRANSMIT 2 TX- CABLE SIDE |
Price & Availability of J1006F01P |